Part Number Hot Search : 
FC156 ST62E62C CPC1909J K2996 WHE1K0FE JANSR2 02K15FKE CPC1909J
Product Description
Full Text Search
 

To Download 10A04GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10a01gp thru 10a07gp 10 amp rectifier 50 to 1000 volts features maxi mum rati ngs operating temperature: - 5 5 c to +150 c storage temperature: -5 5 c to +15 0 c mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage 10a01gp 50v 35v 50v 10a02gp 100v 70v 100v 10a03gp 200v 140v 200v 10A04GP 400v 280v 400v 10a05gp 600v 420v 600v 10a06gp 800v 560v 800v 10a07gp 1000v 700v 1000v el ectri cal characteri sti cs @ 2 5 c unl ess otherwi se speci fi ed average forward current i f(av) 10 a t a = 50 c peak forward surge current i fsm 200a 8.3ms, half sine maximum instantaneous forward voltage v f 1.2v i fm = 10a; t a = 25 c maximum dc reverse current at rated dc blocking voltage i r 10 m a 100 m a t a = 25 c t a = 100 c typical junction capacitance c j resistance junction to ambien r thja 10k/w r-6 dimensions inches mm dim min max min max note a .340 .360 8.60 9.10 b .340 .360 8.60 9.10 c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- a b d d c cathode 150pf typical thermal measured at 1.0mhz, v r =4.0v         
 omp onents 2 0736 marilla street chatsworth               !  " #   $
%        !   " #    m cc re vision: b 2 0 1 3 /0 1 /0 1 tm micro commercial components 10a01gp 10a02gp 10a03gp 10A04GP 10a05gp 10a06gp 10a07gp w w w. m c c se m i .c om 1 of 3 ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes:1.high temperature solder exemption applied, see eu directive annex 7. glass passivated epoxy meets ul 94 v-0 flammability rating high current capability and low forward voltage drop surge overload rating to 200a peak low reverse leakage current and galss passivared junction moisture sensitivity level 1 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc 2.0 4.0 6.0 8.0 0 0 i , average rectified current (a) (av) t a , ambient temperature (oc) fi g . 1 forward current deratin g curve 12 10 50 100 150 200 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f 0.1 1.0 10 100 0 0.4 0.8 1.2 1.6 pulse width = 300 ms 2% duty cycle t = 25oc j 10 100 1000 1 10 100 c , junction capacitance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance r 1.0 t = 25c f = 1mhz j 10a01 gp - 10a04 gp 10a05 gp - 10a07 gp 0 75 150 225 300 375 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60 hz fi g . 3 maximum non-repetitive peak forward sur g e current 8.3ms single half sine-wave jedec method 10a01gp thru 10a07gp re vision: b 2 0 1 3 /0 1 /0 1 tm micro commercial components w w w. m c c se m i .c om 2 of 3 downloaded from: http:///
m cc re vision: b 2 0 1 3 /0 1 /0 1 tm micro commercial components w w w. m c c se m i .c om 3 of 3 1 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 5 00 p c s / r e e l p a r t n u m b e r- a p a m m o p a c k i n g : 450 p c s / a mm o b o x p a r t n u m b e r - bp b u l k: 4.8 k p c s / c a r t o n o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 10A04GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X